PART |
Description |
Maker |
037-0211-200 |
FOR REAR MOUNTING IN 9/16 CLEARANCE HOLE FOR 2 TO 120V OPERATION
|
Dialight Corporation
|
031-0531-300 031-0211-300 031-0212-300 031-0511-30 |
FOR MOUNTING IN 1 CLEARANCE HOLE FOR 2 TO 120V OPERATION FOR MOUNTNG IN 1 CLEARANCE HOLE FOR 2 TO 120V OPERATION FOR MOUNTNG N 1 CLEARANCE HOLE FOR 2 TO 120V OPERATION
|
Dialight Corporation
|
2500AT43A0100 |
2.5GHz Chip Antenna (No GND clearance required)
|
Johanson Technology Inc.
|
50544-7825 0505447825 |
Ring Tongue Terminal for 250-300MCM AWG, Closed Uninsulated Brazed Barrel, StudSize 1/2 (M12), Oxygen-Free Copper, Length 66.00mm (2.598), Clearance 21.00mm(.827)
|
Molex Electronics Ltd.
|
NVF4-1A NVF4-1U NVF4-2A NVF4-2U NVF4-2C NVF4-1C |
PC board mounting and direct insert mounting available Small size and light weight
|
HuaXinAn Electronics CO...
|
0707332 |
Header, nominal current: 12 A, rated voltage: 320 V, pitch: 5.08 mm, no. of positions: 12, mounting: Direct mounting - DFK-MSTB 2,5/12-G-5,08
|
Phoenix Contact
|
0707154 |
Header, nominal current: 12 A, rated voltage: 320 V, pitch: 5.0 mm, no. of positions: 7, mounting: Direct mounting - DFK-MSTB 2,5/ 7-G
|
Phoenix Contact
|
KIT-RMF |
Conductive Plastic Rotative Transducer Elements, Designed for Easy Mounting, High Accuracy, Long Life, Easy Mounting
|
Vishay
|
SD-120090-005 |
Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Straight Male, Male with Back Mounting
|
Molex Electronics Ltd.
|
142-205-20 144-205-20 148-205-20 150-205-20 145-21 |
T-3/4 SINGLE COLOR LED ARRAY, RED, 2 mm PCB MOUNTING LEDs - ? 2mm PCB MOUNTING LEDs - ? 2mm PCB MOUNTING LEDs - 篓陋 2mm
|
MARL INTERNATIONAL LTD Marl International Limited
|
SHE164RC_B SHE164RC SHE164RC1 |
Power Contactor; Coil Voltage DC Max:28V; Mounting Type:DIN Rail; Contacts:SPST-NC-DB; Relay Mounting:DIN Rail; Contact Rating:100A High Efficiency LED Lamp
|
AUK[AUK corp]
|